|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GC4410 - GC4495 TM (R) CONTROL DEVICES - HIGH VOLTAGE PIN DIODES RoHS Compliant DESCRIPTION The GC4400 series are high voltage, high power (cathode base) PIN diodes. These high resistivity silicon devices are glass passivated for high stability and reliability and have been proven by thousands of device hours in high reliability systems. Each device can withstand storage temperatures from -65C to +200C and will operate over the range from -55C to +150C. All devices meet or exceed military environmental specifications of MIL-PRF-19500. The GC4400 series will operate typically with +50 mA forward bias. Breakdown voltages are available up to 750 volts. Consult the factory for higher voltage devices. KEY FEATURES Available as packaged devices or as chips for hybrid applications www.MICROSEMI.com High power handling Suitable for application to 18Ghz Low Loss Low Distortion RoHS Compliant 1 APPLICATIONS The GC4400 series can be used in RF circuits as an on/off element, as a switch, or as a current controlled resistor in attenuators extending over the frequency range from UHF through Ku band. Switch applications include high speed switches (ECM systems), TR or lobing switches, channel or antenna selection switches (telecommunications), duplexers (radar) and digital phase shifters (phased arrays). The GC4400 series can be used in RF circuits as an on/off at moderate RF power levels. Attenuator type applications include amplitude modulators, AGC attenuators, power levelers and level set attenuators. 1 Products are supplied with a Gold finish and are suitable for RoHS complaint assembly. Consult factory for details. APPLICATIONS/BENEFITS TR Switches Antenna Selector Switches Duplexers Digital Phase Shifters ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED) Rating Leakage Current @80% Minimum Rated VB Leakage Current @80% Minimum Rated VB Operating Temperature Storage Temperature GC441X GC443X GC449X Symbol IR IR TOP TSTG Value 0.5 1.0 -55 to +150 -65 to +200 Unit uA uA GC4410 - GC4495 C C IMPORTANT: For the most current data, consult MICROSEMI's website: www.MICROSEMI.com H Specifications are subject to change, consult the factory for further information. These devices are ESD sensitive and must be handled using ESD precautions. Copyright 2006 Rev: 2009-02-03 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 1 GC4410 - GC4495 TM (R) CONTROL DEVICES - HIGH VOLTAGE PIN DIODES RoHS Compliant . ELECTRICAL CHARACTERISTICS AT 25 C Model Number Vb (V) IR=10uA (Min) GC4410 GC4411 GC4412 GC4413 3 1 Cj (pF) VR = 50V (Max) 0.10 0.25 0.50 0.75 0.10 0.25 0.50 0.75 0.10 0.25 0.50 0.75 1.30 2.50 Rs 2 () IF = 100 mA F=100 MHz (Max) 0.6 0.5 0.4 0.3 1.5 1.2 1.0 0.8 1.5 1.2 1.0 0.8 0.35 0.30 TL (uS) IR=6 mA IF=10 mA (Typ) 0.4 0.6 0.8 1.2 0.6 1.2 1.5 2.0 1.0 2.0 3.0 5.0 6.0 7.5 2 P (C/W) THERMAL RESISTANCE (Max) www.MICROSEMI.com 100 100 100 100 300 300 300 300 750 750 750 750 750 750 40 25 20 10 40 30 20 10 30 25 20 10 7 5 GC4430 GC4431 GC4432 GC4433 3 GC4490 GC4491 GC4492 GC4493 3 GC4494 GC4495 1. Capacitance is measured at 1 MHz and -50 volts. 2. Resistance is measured using transmission loss techniques using a 30 style package. 3. These devices are not available in all case styles. Please consult the factory for specific package styles offered. DEVICE NOTES The tabulated specifications above are for package style 00. Diodes are also available in various packaged configurations. Some limitations apply. Consult factory for details. Each type offers trade offs in series resistance, junction capacitance, carrier lifetime and breakdown voltage; the proper choice of which depends on the end application. Reverse polarity diodes (NIP) and faster speed PIN and NIP diodes are also available. (See data sheets for GC4500, GC4200, and GC4300 series respectively.) ELECTRICAL ELECTRICAL Copyright 2006 Rev: 2009-02-03 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 2 GC4410 - GC4495 TM (R) CONTROL DEVICES - HIGH VOLTAGE PIN DIODES RoHS Compliant RS VS IF (GC4410-GC4413) RS VS IF (GC4430-GC4433) www.MICROSEMI.com RS VS IF (GC4490-GC4493) GRAPHS GRAPHS Copyright 2006 Rev: 2009-02-03 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 3 GC4410 - GC4495 TM (R) CONTROL DEVICES - HIGH VOLTAGE PIN DIODES RoHS Compliant PACKAGE STYLE 00 PACKAGE SYLE 30 www.MICROSEMI.com Notes: Dimensions vary by model number Consult factory for details Order as GC44xx - 00 PACKAGE STYLE 115 Notes: Order as GC44xx - 30 MECHANICAL MECHANICAL Notes: Order as GC44xx - 115 OTHER PACKAGE STYLES AVAILABLE ON REQUEST CONSULT FACTORY Copyright 2006 Rev: 2009-02-03 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 4 |
Price & Availability of GC44101 |